Part Number Hot Search : 
ZRT100C2 BD788 2SK2959 72240L5 4C36S 72240L5 G216M M1024
Product Description
Full Text Search
 

To Download KBP005G-KBP10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP005G thru KBP10G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -50 amperes peak Ideal for printed circuit board Plastic material has Underwriters Laboratory
REVERSE VOLTAGE FORWARD CURRENT KBP
.118X45 (3.0) .600(15.24) .560(14.22)
- 50 to 1000 Volts - 1.5Amperes
.500(12.70) .460(11.68)
flammability
classification 94V-0
Mounting position :Any
.460(11.68) .420(10.67)
.640 MIN. (16.25)
.50 MIN. (12.7)
.034(0.86) .028(0.76) .200(5.08) .180(4.57)
.060 (1.52)
.160(4.1) .140(3.6) MAX.
.053(1.35) .045(1.15)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load,60HZ. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage Drop Per Bridge Element at 1.5A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @TJ=100 @TJ=25 @TA=50
SYMBOL KBP005G KBP01G KBP02G KBP04G KBP06G KBP08G KBP10G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.5 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM
50
A
VF IR IR TJ TSTG
1.1 10 1.0 -55 to +150 -55 to +150
V A mA
~ 428 ~
RATING AND CHARACTERISTIC CURVES KBP005G thru KBP10G
FIG.2-TYPICAL FORWARD CHARACTERISTICS 20.0 FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT INSTANTANEOUS FORWARD CURRENT AMPERES AVERAGE FORWARD CURRENT AMPERES 1.5 10.0
1.0
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.1
TJ=25C
0.0
50
100
150
AMBIENT TEMPERATURE.C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.3-TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1
FIG.4-MAXIMUM FORWARD SURGE CURRENT
1.0
0.1
TJ=25C
TJ=25C
2
5
10
20
50
100
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
NUMBER OF CYCLES AT 60Hz
~ 429 ~


▲Up To Search▲   

 
Price & Availability of KBP005G-KBP10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X